Part Number Hot Search : 
1N540007 331M1 00BZI 4060BD T71C15DC EL4093C FPT100B GL128P11
Product Description
Full Text Search
 

To Download 1N4695C-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  500 mw axial-leaded zener diodes scottsd a l e division 1n4678 thru 1n4717- 1 do-35 w w w . mi c r o s e m i . c o m 1 n 4 6 7 8 ? 1 n 4 7 1 7 - 1 4 6 7 8 ? 1 n 4 7 1 7 - 1 descripti on appeara n c e the 1 n 46 78 thru 1 n 47 1 7 se rie s of 0.5 watt zen e r voltag e regulato r s provide s a se lection from 1 . 8 to 43 vo lts in stand ard 5% toleran c e s a s wel l as tig h ter tole ran c e s id entified by differe nt suffix letters o n the pa rt numbe r. these gla s s axial-lea ded do -35 z ene rs are al so av ailable with a n intern al- metallurgical-bond optio n by adding ?-1? suffix similar to military requi rem ents on simila r zene rs. mi crosemi al so offers nume r ous othe r zene r pro d u c ts to meet hig her an d lower powe r appli c ations. do-35 (do-204ah) import a n t : f o r the most cur r e n t data, consult mi c r os e m i ? s w e bsite: http:// www .microsemi.com features a p p l i c at ions / be ne fi ts ? jedec reg i ste r ed 1n 467 8 thr u 1n4 7 1 7 ? internal meta ll urgic a l bo nd o p tion av ail a b l e b y add ing a ?-1? suffix ? options for screen ing i n accor danc e w i th mil - prf - 195 00 for jan, jant x, jan t xv, an d jans are avail a b l e b y a d d in g mq, mx, mv, or msp prefixes respectiv e l y to part numb e rs ? surface mou n t avail a b l e in do -213aa p a cka ge outli ne b y a ddi ng a ur or u r - 1 (see sep a rat e data sheet for 1n4 6 78ur thr u 1n4 717 ur-1 ? do-7 glass body ax ial-lead ed zener equ ivalents are also av ail abl e ( s ee sep a rate d a ta sheet) ? reg u lates v o ltage ov er a bro ad op erati ng current and temperature r ang e ? guarante ed m a ximum volt ag e regu latio n 10 a to 100 a ? voltag e sel e cti on from 1.8 to 43 v ? standar d volta ge toler anc es are pl us/minus 5% w i th no suff ix ? t i ght tolerance s avail abl e in p l us or min u s 2 % or 1% w i th c or d suffix respectively ? f l exibl e a x i a l-l ead mo unti ng termina ls ? nons ensitiv e to esd per mil - st d-750 method 1 0 2 0 ? minima l cap a ci tance (see f i g u re 3) ? inhere n tl y r adi ation h a rd as d e scrib ed in mic r osemi micronote 050 max i mu m rat ing s mechan ic al an d pa ckagin g ? operatin g an d storage temp e r ature: -65 o c to + 175 o c ? t hermal resist ance: 25 0 o c/w junction to l ead at 3/8 (10 mm) lead length from body , or 310 o c/w juncti on to amb i ent w h en mo u n ted on f r 4 p c boar d (1 oz cu) w i th 4 mm 2 copper pads a nd track w i dth 1 mm, length 25 mm ? stead y-state p o w e r: 0.5 w a tts at t l < 50 o c 3/8 inch (10 mm) from body or 0.48 w at t a < 25 o c w hen mounte d on f r 4 pc bo ard a s describ ed for thermal resistanc e (see f i gure 2 for de rating) ? f o r w a r d vo ltag e @20 0 ma: 1.1 volts (maxim u m) ? sold er t e mperatures: 260 o c for 10 s (max ) ? case: hermetically sealed ax ial-lead glass do-35 (do-204a h) p a ckag e ? t e rminals: lea ds, tin-le ad plated so ld era b le p e r mil-st d-750, method 2 0 2 6 ? polarit y : c a thod e in dicate d b y ban d w h e r e dio de is to be o perate d w i th th e ban de d en d positiv e w i t h resp ect to the opp osite e nd for z ener re gul ation ? marking: part number ? t ape & reel optio n: standa rd per eia-296 (add ?t r? suffix to part number) ? w e igh t : 0.2 grams ? see pack a g e d i mensi ons o n l a st page m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 1 cop y right ? 200 3 11-05- 2003 re v a
500 mw axial-leaded zener diodes scottsd a l e division 1n4678 thru 1n4717- 1 do-35 w w w . mi c r o s e m i . c o m 1 n 4 6 7 8 ? 1 n 4 7 1 7 - 1 *electric a l ch ara cteri s tic s @ 25oc nomi nal zener voltage (no t e 3 ) zener test c urr en t maximum voltage regulatio n (no t e 2 & 3) maximum reverse leak age c u r r en t maximum dc ze ner c urr en t* v z i zt ? v z i r @ v r i zm jedec type num be r (no t e 1 ) volts a volts a v o l t s m a 1n4 678 1n4 679 1n4 680 1n4 681 1n4 682 1.8 2.0 2.2 2.4 2.7 50 50 50 50 50 0.70 0.70 0.75 0.80 0.85 7.5 5.0 4.0 2.0 1.0 1.0 1.0 1.0 1.0 1.0 240 220 200 190 180 1n4 683 1n4 684 1n4 685 1n4 686 1n4 687 3.0 3.3 3.6 3.9 4.3 50 50 50 50 50 0.90 0.95 0.95 0.97 0.99 0.8 7.5 7.5 5.0 4.0 1.0 1.5 2.0 2.0 2.0 170 160 150 140 130 1n4 688 1n4 689 1n4 690 1n4 691 1n4 692 4.7 5.1 5.6 6.2 6.8 50 50 50 50 50 0.99 0.97 0.96 0.95 0.90 10.0 10.0 10.0 10.0 10.0 3.0 3.0 4.0 5.0 5.1 120 110 100 90 70 1n4 693 1n4 694 1n4 695 1n4 696 1n4 697 7.5 8.2 8.7 9.1 10.0 50 50 50 50 50 0.75 0.50 0.10 0.08 0.10 10.0 1.0 1.0 1.0 1.0 5.7 6.2 6.6 6.9 7.6 63.6 58.0 54.8 52.4 49.6 1n4 698 1n4 699 1n4 700 1n4 701 1n4 702 11.0 12.0 13.0 14.0 15.0 50 50 50 50 50 0.11 0.12 0.13 0.14 0.15 0.05 0.05 0.05 0.05 0.05 8.4 9.1 9.8 10.6 11.4 43.2 40.8 38.0 35.0 32.6 1n4 703 1n4 704 1n4 705 1n4 706 1n4 707 16.0 17.0 18.0 19.0 20.0 50 50 50 50 50 0.16 0.17 0.18 0.19 0.20 0.05 0.05 0.05 0.05 0.01 12.1 12.9 13.6 14.4 15.2 30.8 29.0 26.4 25.0 23.8 1n4 708 1n4 709 1n4 710 1n4 711 1n4 712 22.0 24.0 25.0 27.0 28.0 50 50 50 50 50 0.22 0.24 0.25 0.27 0.28 0.01 0.01 0.01 0.01 0.01 16.7 18.2 19.0 20.4 21.2 21.6 19.8 19.0 17.6 17.0 1n4 713 1n4 714 1n4 715 1n4 716 1n4 717 30.0 33.0 36.0 39.0 43.0 50 50 50 50 50 0.30 0.33 0.36 0.39 0.43 0.01 0.01 0.01 0.01 0.01 22.8 25.0 27.3 29.6 32.6 15.8 14.4 13.2 12.2 11.0 *jede c re gistered data ex cept i zm has been in cre a se d (dou bled ) for 500 m w p o we r dissip ation ca pabilitie s notes : 1. all ty pes as sho w n are +/ -5% tol e rance. also ava ilable in 2% and 1% tolerance w i t h suffix c and d respectively . 2. ? m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 2 cop y right ?
500 mw axial-leaded zener diodes m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 3 cop y right ? w w w . mi c r o s e m i . c o m scottsd a l e division 1n4678 thru 1n4717- 1 do-35 1 n 4 6 7 8 ? 1 n 4 7 1 7 - 1 graphs t e m p e r a t u r e c o e f f i c i e n t m v / o c temperature co efficient %/ o c voltage tempe r a t ure coefficient %/ o c rated p o w e r dissipation - mw mv change /oc t l ? lead tem perature ( o c) 3/8? f r om b o d y o r nominal zene r vol t age (volts ) t a on f r 4 pc board figure 1 figu re 2 power de rating curve zener voltage temperature coeffi cient vs . zener voltage zener v o lta g e v z pac k ag e dim e n s io ns all dimensi o n s i n : i n c h mm t y pi cal capa citance i n pic o fara ds at zer o volts at ?2 volts ( v r) figure 3 capacitance vs . v z cu rve


▲Up To Search▲   

 
Price & Availability of 1N4695C-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X